Part Number Hot Search : 
DTA113T CM6903B TIP33BF 906CD TU1000 MAX70 151YL APTGT20
Product Description
Full Text Search
 

To Download TOCP200X-100CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tocp200x ? b 200 1 -06- 1 3 1 optical fiber with fiber optic connectors tocp200x ? b plastic cladding silica fiber with fiber optic connectors conform to jis f07 type duplex type pcf (200 / 300m) reinforced type 1 . maximum ratings (ta = 25 c ) item symbol ratings unit storage temperature t stg ? 40 to 70 c operating temperature t opr ? 20 to 70 c between fiber and connector t cf 1 9.6 n tension optical fiber (note 1 ) t f 1 470 n bending radius (note 1 ) r min 25 mm note 1 : value for optical cable. unit: mm
tocp200x ? b 200 1 -06- 1 3 2 2. optical characteristics (ta = 25c) item symbol conditions min typ. max unit transmission loss p = 800nm, measured by fiber length 1 km D 6 7 db / km 3. precautions for operation (1) the maximum ratings are the limit values which should not be exceeded when using this product. all of these values must be within the defined range. if the maximum ratings, are exceeded the deviced characteristics may not be recoverable and, in extreme cases, permanent damage to the product may result. care should be taken not to exceed the maximum ratings when using this product. (2) care should be taken not to drop heavy objects onto the optical fiber cables. (3) when connecting or disconnecting the optical fiber with fiber optic connector, be sure to hold the fiber optic connector. do not hold the optical fiber cable when connecting or disconnecting. (4) when inserting the fiber optic connector into the fiber optic transceiving module, be sure to follow the correct fitting alignment. (5) keep the end face of the optical fiber with fiber optic connector clean. if contaminated, wipe it gently with tissue paper. (6) when bending the optical fiber cable to install it, note that the recommended bending radius is six to ten times longer than the minimum bending radius. (7) ? indicates the length and the unit of length of the optical fiber of the optical fiber with fiber optic connector or optical fiber products. the length of the optical fiber is the distance from one end of fiber optic connector to the other end. the minimum fiber length is 1m. ex. tocp200x ? 100mb unit of length c: cm m: m length
tocp200x ? b 200 1 -06- 1 3 3 ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others. ? the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TOCP200X-100CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X